Part Number Hot Search : 
2SK21 MMBZ5 EPA120 CPD48 10PBF LT196 18LF2 203SH30
Product Description
Full Text Search
 

To Download Z8F082A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  z8 encore! xp ? f08xa series development kit evaluate. design. build. that's the simple power behind the value of the zilog z8 encore! xp ? f08xa series development kit. our complete development platform includes all the hard- ware and software you need to cut design time and get your products to market faster. these new kits feature the z8 encore! xp ? f08xa series mcu, with new features such as a full range temperature sensor and a transimpedance ampli?er, which have their outputs processed by an enhanced sigma-delta analog to digital converter. the z8 encore! xp ? f08xa series mcu is perfect for a wide range of consumer and industrial applications. use the z8 encore! xp ? f08xa series development kits both to evaluate our new mcu and create your z8 encore! xp ? f08xa series mcu product solution. you get everything you need to go from concept to design - there's nothing else to buy. discover the value and power zilog brings to your next 8-bit mcu design. order a z8 encore! xp ? f08xa series develop- ment kit today! overview 8-pin development kit 20, 28-pin development kit z8 encore! xp ? f08xa series mcu development kit contents hardware ? z8 encore! xp ? f08xa series development board ? serial or usb smart cable ? 5 v dc universal power supply software ? zds ii integrated development environment (ide) ? ansi c-compiler ? sample code documentation/cd-rom ? development kit quick start guide ? development kit user manual ? zds ii - ide user manual ? ez8 cpu user manual ? product speci?cations ? product briefs ? application notes development board features ? z8 encore! xp ? f08xa mcu ? three leds ? rs-232 interface ? irda transceiver ? two push buttons, reset and test ? 5 v dc power connector ? on-chip debugger interface ? header for adc input (not present on 8-pin board) ? prototyping area ? external interface connectors ? 2.7 to 3.6 v operating range with 5 v tolerant inputs
z8 encore! ? mcu zds ii ide gui order your zilog development kits at http://www.zilog.com to get your applications to market in recored time. z8 encore! xp ? is a registered trademarks of zilog, inc. in the united states and in the other countries. fl007503-1206 zilog developer studio ii integrated development environ- ment is a complete suite of software tools that supports devel- opment with the z8 encore! xp ? mcu. its easy-to-use windows-based gui provides an environment that accelerates the edit, compile, and debug cycle. included in zds ii are a language sensitive editor, project manager, compiler, assem- bler, linker, librarian, and debugger. c-compiler a full version ansi c-compiler is included in this kit at no addi- tional cost allowing you to begin your design immediately. the c-compiler supports a powerful con?gurable optimizer allow- ing code to be optimized for speed or size. smart cable this small circuit board provides reliable and robust communi- cation between your desktop pc and the development board. use it for your development board and again with your ?nal product's hardware. serial smart cable converts rs-232 signals to communicate with the on-chip debugger of the ez8 core. p/n: z8encore000zac usb smart cable is compatible with both usb highspeed and full-speed standards and converts the signals sent from the usb port on your development pc to communicate with the on-chip debugger. p/n: zusbsc00100zac p/n: zusbsc00100zacg (rohs) p/n: zusboptsc01zacg (rohs) z8 encore! xp ? f08xa series development kit device memory flash sram (bytes) (bytes) speed (mhz) i/o lines 16-bit timers 10-bit a/d channels uart comparator other features operating voltage temp. range (o c) pin count development kit int. prec. oscillator temp. sensor, int prec. oscillator z8f081a 8k - 8k 1k 20 23 2 8 1 1 1 1 2.7 - 3.6 v -40o to 105o 8, 28, 20 z8f04a08100kitg (rohs) z8f08a28100kitg (rohs) z8f04a08100kitg (rohs) z8f08a28100kitg (rohs) 28, 20, 8 -40o to 125o 2.7 - 3.6 v 2 25 20 1k Z8F082A power supply adc inputs headers irda transceiver rs-232 interface debug interface and reset switch external interface headers prototyping area leds and pb switch


▲Up To Search▲   

 
Price & Availability of Z8F082A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X